PART |
Description |
Maker |
TLV752600LBFNKXXHE-PF TLV752600MBFNKXXHL-PF TLV752 |
TCXO/VC┸TCXO 7.0 x 5.0mm LVDS outpu
|
Advanced Crystal Techno...
|
C0402CH0G105B020A C0402CH0G105E020A C0402CH0G105W0 |
Part Number Change Notification TDK introduces a new global catalog part number for its Multilayer Ceramic Capacitor products Part Number Change Notification
|
TDK Electronics
|
LP62S16512-I LP62S16512U-55LLI LP62S16512U-70LLI L |
512K X 16 BIT LOW VOLTAGE CMOS SRAM Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AMICC[AMIC Technology] AMIC Technology Corporation
|
26-61-4100 |
Multipole Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Connecting Termination:Thru-Hole; Contact Plating:Gold; Mounting Type:Through Hole
|
MOLEX INC
|
BYW2750 BYW27-100 BYW27-1000 BYW27-200 BYW27-400 B |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-33K 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Silicon Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
03-09-1081 |
Multipole Connector; Gender:Female; Number of Contacts:3; Series:1396R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm
|
MOLEX INC
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
PCF8812U PCF8812U/2 |
Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:5; Impedance:75ohm; Voltage Nom.:300V RoHS Compliant: Yes 65 x 102 pixels matrix LCD driver
|
Philips Semiconductors NXP Semiconductors
|
L103 L105 103-1 |
Lens-End Lamps Shielded Paired Cable; Number of Conductors:16; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:8; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
International Light Technologies Inc.
|
PEC11-4130F-S0018 PEC11-4315K-N0012 PEC11-4315K-S0 |
Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3 Incremental Encoder; Number of Detents:0; Counts Per Revolution:12; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:15mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6mm; Series:PEC11; Rotation Speed:60rpm; Rotational Life Revolutions:30000; Torque Max:2.7in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
39-29-0163 |
Multipole Connector; Number of Contacts:16; Pitch Spacing:4.20mm; Gender:Header; Number of Rows:2; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Finish:Gold 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|